optional features ? glass scale length or diameter: linear lengths from 5mm to 2m rotary diameters from 12mm to 108mm sensor the size of a dime resolution determined by customer electronics linear: 20m to 0.078m rotary: 2,500 to 4.2m cpr accuracy linear: 1m available 3m to 5m standard rotary: up to 2.1 arc-sec output analog sine/cosine and index window system resolution mercury tm 1200 pcb-mount analog encoders for customer interpolation- resolution to 0.078m reflective linear and rotary encoders imagine what you can do with this! oems can now use encoders for closed loop control where it was previously not possible or cost effective. using your interpolation electronics, engineers can achieve dramatic improvements in system speed, throughput, and reliability, while reducing cost, size and weight. the mercury 1200 series kit encoders make it all possible. the analog output sensors can mount directly on your printed circuit board within an emi shielded module. the low z height of the sensor, only 5.6mm, opens up exciting design possibilities. oems that want to incorporate our interpolation electronics can contact microe for chip set or daughterboard solutions. the mercury 1200 encoder is an analog output system. designed for pc board mounting, it is available with linear or rotary scal es. mercury?s space-saving, integrated configuration gives oem system designers a breakthrough in performance. standard features ? small pcb mount sensor ? sensor is 5.6mm (h) x 11.9mm (w) x 14.9mm (l) and weighs 1.2g ? fundamental resolution: linear 20m; rotary 2,500 - 16,384 cpr interpolated linear resolution up to 0.078m; rotary resolution 2,500 cpr to 4.2m cpr ? analog output: sine/cosine and index window ? bi-directional index window signal ? index mark at the center or end of the glass scale (linear) table of contents system & sensor pg . 2 scales pg . 4 - 5 o rdering information pg. 5
page 2 of 5 broader alignment tolerances, increased standoff clearance, smallest sensor and more why mercury encoders make it easier to design high performance into your equipment eliminate the frustration of touchy encoder alignment mercury solves this problem for good fussy alignment is no longer a concern. with mercury?s patented pureprecision ? optics, advanced smartprecision ? electronics and led alignment indicators, you can push the sensor against your reference surface, tighten the screws and you?re finished. try that with brand x or y. this performance is possible thanks to relaxed alignment tolerances, particularly in the theta z axis. mercury offers a 2 sweet spot? that?s a 300% improvement over the best competitive encoder. and that will result in dramatic savings in manufacturing costs. no other commercially available encoder is easier to align, easier to use, or easier to integrate into your designs. alignment tolerance comparison** mercury* brand x brand y mercury vs. best competito r z standoff 0.15mm 0.1mm 0.1mm mercury is 50% better y 0.20mm for linear 0.1mm unspecified mercury is 100% better 0.10mm for rotary 19mm dia. theta x 1.0 unspecified 1.0 theta y 2.0 0.1 1.0 mercury is 100% better theta z 2.0 0.006 0.5 mercury is 300% better *measured at a constant temperature for one axis at a time with all other axes at their ideal positions. **based on published specifications > _ mercury can reduce system size and cost mercury?s sensor height is 44% shorter than competitive encoders, making it easy to fit into your design. this reduction can also cut total system weight and cost by allowing the use of smaller motors and stages. safe system operation is also enhanced thanks to mercury?s generous standoff clearance? 200% greater than other encoders. and it?s standoff tolerance is 50% greater than the best alternative. this significantly relaxes mechanical system tolerances, while reducing system costs. b b r r a a n n d d y y b b r r a a n n d d x x m m e e r r c c u u r r y y 2 0.5 0.006 t t h h e e t t a a z z a a l l i i g g n n m m e e n n t t t t o o l l e e r r a a n n c c e e mechanical dimension comparison** mercury brand x brand y mercury vs. best competitor sensor z height 8.4mm 23mm 15mm 44% better standoff clearance 2.4mm 0.5mm 0.8mm 200% better standoff tolerance 0.15mm 0.1mm 0.1mm 50% better system height 11.7mm 28.5mm 15.8mm 26% better **based on published specifications note: mecury 1200 is even smaller at 5.6mm sensor height * dimensions shown illustrate encoder system standoff clearance; see mercury encoder interface drawings for correct design reference surfaces. b b r r a a n n d d x x b b r r a a n n d d y y m m e e r r c c u u r r y y s s t t a a n n d d o o f f f f c c l l e e a a r r a a n n c c e e 2.4mm* 0.15mm 0.8mm 0.1mm 0.5mm 0.1mm
page 3 of 5 maximum speed scale length/diameter maximum speed* linear all lengths 7200mm/s rotary 0.75? 8640 rpm 1.25? 5273 rpm 2.25? 2637 rpm 4.25? 1318 rpm *assumes customer electronics have adequate bandwidth analog output pins 1,2,3 and 4 20m 20m typical 5vdc 90 mercury 1200 outputs 10-pin interface pin function 1 sine + 2 sine - 3 cosine + 4 cosine - 5 + 5 v dc 6 reserved - do not connect 7 reserved - do not connect 8 index window - 9 index window + 10 ground 4.11 .162 5.59 .220 15.24 .600 1.75 .069 8.85 .348 2.44 .096 3.76 .148 7.5 .295 8.75 .344 thru. 2x 0-80unc-2b 12.70 .500 4x r 1.19 .047 4.65 .183 8.38 .330 3.22 .127 pin spacing 1.28 .050 pin 1 pin 5 pin 6 pin 10 mechanical information - sensor all specifications are subject to change. all data is accurate to the best of our knowledge. microe systems is not responsible for errors. 1.6 v pp (differential) across 2k resistor index window pin 9 system specifications system grating period 20m signal period 20m system resolution fundamental resolution: linear 20m; rotary 2,500 - 16,384 cpr interpolated resolution determined by customer electronics: linear: 20m - 0.078m; rotary: 2,500 to 4.2m cpr linear accuracy* better than 1m available; contact microe better than 3m up to 130mm, 5m from 155mm to 1m, 5m per meter from 1m to 2m *maximum peak to peak error over the specified movement when compared to a nist-traceable laser interferometer standard, used at room temperature and with microe interpolation electronics. rotary accuracy* scale o.d. microradians arc-seconds 12.00mm 100 21 19.05mm 63 13 31.75mm 38 7.8 57.15mm 19 3.9 107.95mm 10 2.1 *based on ideal scale mounting concentricity sensor size w: 12.70mm 0.500" l: 15.24mm 0.600" h: 5.59mm 0.220" operating and electrical specifications power supply 5vdc 5% @ 33ma temperature operating: 0 to 70c storage: -20 to 70c humidity: 10 - 90% rh non-condensing shock: 1500g 0.5ms half sine sensor weight: 2.6g ( sensor without cable )
page 4 of 5 all specifications are subject to change. all data is accurate to the best of our knowledge. microe systems is not responsible for errors. microe systems offers a wide array of chrome on glass scales for the highest accuracy and best thermal stability. easy to insta ll, standard linear and rotary scales meet most application requirements. customized linear, rotary, and rotary segment scales are available where need- ed. all scales include an optical index. mercury's glass scales save time by eliminating motion system calibrations or linearit y corrections required by other encoders, and provide better thermal stability than metal tape scales. options include: ? standard linear: 18mm - 2m ? standard rotary: 12mm - 107.95mm diameter, with or without hubs ? custom linear*: special lengths, widths, thickness, index mark locations and special low cte materials ? custom rotary*: special id's, od's (up to 304.8mm), index mark outside the main track and special low cte materials ? mounting of hubs for rotary scales: microe systems can mount and align standard, custom, or customer-supplied hubs ? rotary segments*: any angle range; wide range of radius values *custom scales or rotary segments are available in oem quantities. contact your local microe systems sales office. specifications accuracy 5 m <1m 5 m/m >1m material soda lime glass typical cte 8ppm/c index center or end specifications accuracy 3m standard 1m available material soda lime glass typical cte 8ppm/c index center or end standard long linear scales 155mm and longer key: inches[mm] standard short linear scales 130mm and shorter key: inches[mm] measured length is always 5 mm less then total length 0.098 [2.5] 0.787 [20.00] center index end index scale length model l18 l30 l55 l80 l105 l130 scale length 0.709 [18] 1.181 [30] 2.165 [55] 3.150 [80] 4.134 [105] 5.118 [130] measured length 0.512 [13] 0.984 [25] 1.969 [50] 2.953 [75] 3.937 [100] 4.921 [125] measured length is always 5 mm less then total length scale length center index 0.250 [6.35] 0.036 [0.9] end index model l155 l225 l325 l425 l525 l1025 l2025 scale length 6.102 [155] 8.858 [225] 12.795 [325] 16.732 [425] 20.669 [525] 40.354 [1025] 79.724 [2025] measured length 5.906 [150] 8.661 [220] 12.598 [320] 16.535 [420] 20.472 [520] 40.157 [1020] 79.528 [2020] scale specifications standard and customized scales custom scales available custom scales available
M1200 rev h ? 2008 microe systems page 5 of 5 m m i i c c r r o o e e s s y y s s t t e e m m s s ? world headquarters: 125 middlesex turnpike ? bedford ? ma 01730 www.microesys.com ? info@microesys.com ? t. [ 781]-266-5700 ? f. [781]-266-5112 M1200 ? scale model ? scale mounting M1200 lxxx or rxxxx for linear scales: t = tape mounting c1 = 3 scale clamps* c2 = 10 scale clamps** hubs for rotary scales: nh = no hub he = for r1206 ha = for r1910 hb = for r3213 hc = for r5725 hd = for r10851 how to order mercury 1200 encoder systems to specify your mercury encoder with the desired scale, consult the chart below to create the correct part number for your order. call microe systems? rapid customer response team for more information [508] 903-5000. example (linear): M1200-l55-c1 (rotary): M1200-r3213-hb * 3 clamps come standard with linear scales up to 130mm ** 10 clamps come standard with linear scales 155mm or longer all specifications are subject to change. all data is accurate to the best of our knowledge. microe systems is not responsible for errors. key: inches[mm] model no. scale outer scale inner optical hub inner hub fundamental diameter diameter diameter diameter thickness cpr +.0005/-0.0000 r1206 0.472 [12.00] 0.250 [6.35] 0.413 [10.50] 0.1253 [3.18] 0.040 [1.02] 1650 r1910 0.750 [19.05] 0.375 [9.52] 0.627 [15.92] 0.1253 [3.183] 0.040 [1.02] 2500 r3213 1.250 [31.75] 0.500 [12.70] 1.027 [26.08] 0.2503 [6.358] 0.050 [1.27] 4096 r5725 2.250 [57.15] 1.000 [25.40] 2.053 [52.15] 0.5003 [12.708] 0.060 [1.52] 8192 r10851 4.250 [107.95] 2.000 [50.80] 4.106 [104.30] 1.0003 [25.408] 0.080 [2.03] 16384 hub i.d. optical diameter scale o.d. hub thickness scale pattern mounting holes specifications material soda lime glass typical cte 8ppm/c standard rotary scales custom scales available
|